Part Number Hot Search : 
MDR5100 KP110 BAV19 MHR66TF 1212S ADP3171 TQM7136 CA2813B
Product Description
Full Text Search
 

To Download HBF4522D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HE6602 Issued Date : 1993.03.15 Revised Date : 2002.02.20 Page No. : 1/3
HBF4522D
NPN TRIPLE DIFFUSION PLANAR TRANSISTOR
Description
HBF4522D is designed for use in the monitor dynamic focus circuit. It can be used up to 19" monitor with working frequency as high as 100KHz.
TO-126ML
Features
* High Breakdown Voltage * Low C-E Saturation Voltage * High Cutoff Frequency * High Current Gain
Absolute Maximum Ratings (Ta=25C)
* Maximum Temperatures Storage Temperature ............................................................................................ -50 ~ +150 C Junction Temperature .................................................................................................... +150 C * Maximum Power Dissipation Total Power Dissipation (Ta=25C).................................................................................... 1.5 W Total Power Dissipation (Tc=25C) ..................................................................................... 20 W * Maximum Voltages and Currents BVCBO Collector to Base Voltage..................................................................................... 550 V BVCEO Collector to Emitter Voltage.................................................................................. 550 V BVEBO Emitter to Base Voltage............................................................................................ 5 V IC Collector Current........................................................................................................ 100 mA IB Base Current ................................................................................................................ 20 mA
Electrical Characteristics (Ta=25C)
Symbol BVCEO BVCBO BVEBO ICBO IEBO *VCE(sat) *hFE fT Min. 550 550 7 100 90 Typ. 0.35 150 Max. 1 100 0.5 200 Unit V V V uA nA V MHz Test Conditions IC=1mA IC=100uA IE=10uA, VCB=500V VEB=5V IC=30mA, IB=3mA VCE=20V, IC=30mA VCE=10V, IE=30mA, ftest=100MHz
*Pulse Test: Pulse Width 380us, Duty Cycle2%
HBF4522D
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Characteristics Curve
Current Gain & Collector Current
1000 100000 VCE(sat) @ IC=10IB
Spec. No. : HE6602 Issued Date : 1993.03.15 Revised Date : 2002.02.20 Page No. : 2/3
Saturation Voltage & Collector Current
Saturation Voltage (mV)
125 C
o
75 C
o
10000
75 C 1000 125 C 100
o
o
hFE
100 25 C
o
25 C hFE @ VCE=20V 10 1 10 100 10 1 10 100
o
Collector Current-IC (mA)
Collector Current-IC (mA)
Saturation Voltage & Collector Current
1000 25 C
o
Capacitance & Reverse-Biased Voltage
10
Saturation Voltage (mV)
Capacitance (pf)
Cob
125 C
o
75 C
o
VBE(sat) @ IC=10IB
100 1 10 100
1 0.1 1 10 100
Collector Current-IC (mA)
Reverse Biased Voltage (V)
Cutoff Frequency & Collector Current
1000 10
Safe Operating Area
PT=1ms PT=100ms
Cutoff Frequency (MHz).. .
Collector Current-IC (A)
1
PT=1s
0.1
fT @ VCE=10V
0.01
100 1 10 100
0.001 1 10 100 1000
Collector Current-IC (mA)
Forward Biased Voltage (V)
HBF4522D
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-126ML Dimension
Marking:
Spec. No. : HE6602 Issued Date : 1993.03.15 Revised Date : 2002.02.20 Page No. : 3/3
A
H
BF
B D E F 3 O H
Date Code
4522D Control Code
C
Style: Pin 1.Emitter 2.Collector 3.Base
2 I G 1 J M L K
N
3-Lead TO-126ML Plastic Package HSMC Package Code: D *: Typical
DIM A B C D E F G H
Inches Min. Max. 0.1356 0.1457 0.0170 0.0272 0.0344 0.0444 0.0501 0.0601 0.1131 0.1231 0.0737 0.0837 0.0294 0.0494 0.0462 0.0562
Millimeters Min. Max. 3.44 3.70 0.43 0.69 0.87 1.12 1.27 1.52 2.87 3.12 1.87 2.12 0.74 1.25 1.17 1.42
DIM I J K L M N O
Inches Min. Max. *0.1795 0.0268 0.0331 0.5512 0.5906 0.2903 0.3003 0.1378 0.1478 0.1525 0.1625 0.0740 0.0842
Millimeters Min. Max. *4.56 0.68 0.84 14.00 15.00 7.37 7.62 3.50 3.75 3.87 4.12 1.88 2.14
Notes: 1.Dimension and tolerance based on our Spec. dated Mar. 6,1995.
2.Controlling dimension: millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material:
* Lead: 42 Alloy; solder plating * Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
* Head Office (Hi-Sincerity Microelectronics Corp.): 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel: 886-2-25212056 Fax: 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel: 886-3-5983621~5 Fax: 886-3-5982931
HBF4522D
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of HBF4522D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X